Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download MBRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - ul recognized file # e-326243 - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free base p/n with prefix "h" on packing code - aec-q101 qualified terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test, with prefix "h" on packing code meet jesd 201 class 2 whisker test v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a dv/dt v/ s r jc 4 o c/w t j o c t stg o c document number: ds_d1309008 version: k13 weight: 1.7 g (approximately) mbrf1035 thru mbrf10200 taiwan semiconductor isolated schottk y barrier rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data ito-220ac mbrf 1050 mbrf 1060 mbrf 1090 mbrf 10100 mbrf 10150 case: ito-220ac polarity: as marked mounting torque: 5 in-lbs maximum unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol mbrf 1035 mbrf 1045 peak repetitive forward current (rated vr, square wave, 20khz) i frm a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm a peak repetitive reverse surge current (note 1) 1 maximum instantaneous forward voltage (note 2) i f =10a, t j =25 i f =10a, t j =125 v f ma 15 10 v 0.70 0.80 0.85 typical thermal resistance 3 operating junction temperature range 6 maximum reverse current @ rated v r t j =25 t j =125 i r storage temperature range note 1: tp = 2.0 s, 1.0khz note 2: pulse test with pw=300 s, 1% duty cycle mbrf 10200 10 20 150 0.5 voltage rate of change (rated v r ) - 55 to +175 1.05 - 0.1 2 10000 - 55 to +150 0.57 0.70 0.71
creat by art part no. note 1: "xx" defines voltage from 35v (mbrf1035) to 200v (mbrf10200) part no. mbrf1060 mbrf1060 mbrf1060 (ta=25 unless otherwise noted) document number: ds_d1309008 version: k13 mbrf1035 thru mbrf10200 taiwan semiconductor ordering information aec-q101 qualified packing code green compound code package packing mbrf10xx (note 1) prefix "h" c0 suffix "g" ito-220ac 50 / tube example preferred p/n aec-q101 qualified packing code green compound code description mbrf1060 c0 c0 mbrf1060 c0g c0 g green compound mbrf1060hc0 h c0 aec-q101 qualified ratings and characteristics curves 0 5 10 15 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink mbrf1035-mbrf1045 mbrf1050-mbrf10200 0 25 50 75 100 125 150 0 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg tj=75 tj=125 tj=25 mbrf1035-1045 mbrf1050-10200 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg tj=125 pulse width=300 s 1% duty cycle tj=25 mbrf1035-1045 mbrf1050-1060 mbrf1090-10150 mbrf10200
creat by art min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.10 0.098 0.122 c 2.30 2.90 0.091 0.114 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.00 1.60 0.000 0.063 i 0.95 1.45 0.037 0.057 j 0.50 0.90 0.020 0.035 k 2.40 3.20 0.094 0.126 l 14.80 15.50 0.583 0.610 m - 4.10 - 0.161 n - 1.80 - 0.071 o 12.60 13.80 0.496 0.543 p 4.95 5.20 0.195 0.205 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1309008 version: k13 marking diagram mbrf1035 thru mbrf10200 taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg f=1.0mhz vsig=50mvp-p mbrf1090 - mbrf10200 mbrf1050 - mbrf1060 mbrf1035 - mbrf1045 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1309008 version: k13 mbrf1035 thru mbrf10200 taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of MBRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X